Part Number Hot Search : 
C100LVE CY14B1 OPB38L11 6150A0 SQ3960F W79E548 PD100 24R2Q
Product Description
Full Text Search
 

To Download AR25A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARS25 / AR25 SERIES
25.0 AMPS. High Current Plastic Silicon Rectifiers
Voltage Range 50 to 1000 Volts Current 25.0 Amperes
Features
Plastic material used carries Underwriters Laboratory Classification 94V-O Low cost construction utilizing void-free molded plastic technique Low cost Diffused junction Low leakage High surge capability High temperature soldering guaranteed: 260oC for 10 seconds
ARS
AR
Mechanical Data
Case: Molded plastic case Terminals: Plated terminals, solderable per MIL-STD-202, Method 208 Polarity: Color ring denotes cathode end Weight: 0.07 ounce, 1.8 grams Mounting position: Any
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
ARS
Type Number
Maximum Recurrent Peak Revere Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @Tc = 150 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated o Load (JEDEC method ) at TJ=150 C
Maximum Instantaneous Forward Voltage @ 25A
Symbol 25A
AR 25A
ARS 25B AR 25B
ARS 25D AR 25D
ARS 25G AR 25G
ARS 25J AR 25J
ARS 25K AR 25K
ARS 25M AR 25M
Units V V V A A V uA uA uS pF /W
VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJC TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 25 400 1.0 5.0 250 3.0 300
600 420 600
800 1000 560 700 800 1000
Maximum DC Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 1) TJ=25oC Typical Thermal Resistance ( Note 3 )
Operating and Storage Temperature Range
1.0 -50 to +175
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 3. Thermal Resistance from Junction to Case, Singe Side Cooled.
- 500 -
RATINGS AND CHARACTERISTIC CURVES (ARS25 THRU AR25)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
50 600 HALF SINE WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
400 300
AVERAGE FORWARD CURRENT. (A)
8.3ms Single Half Sine Wave JEDEC Method
40
30
200
Tj=150 0C
Tj=25 0C
20
cycle
100 80 60
10
0 125
135
145
155
o
165
175
1
10 NUMBER OF CYCLES AT 60Hz
100
CASE TEMPERATURE. ( C)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1000
FIG.4- TYPICAL REVERSE CHARACTERISTICS
100 60 40 Tj=100 0C
100
INSTANTANEOUS REVERSE CURRENT. ( A)
INSTANTANEOUS FORWARD CURRENT. (A)
20 10 6 4 2 1 0.6 0.4 0.2 Tj=25 0C
10
1.0
Tj=25 C PULSE WIDTH-300 S 2% DUTY CYCLE
0
0.1 0.6 1.0 1.4 1.8 2.2 2.6 FORWARD VOLTAGE. (V)
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE.(pF)
500
Tj=25 0C
100
f=1.0MHz Vsig=50mVp-p
50 1 2 5 10 20 50 100
REVERSE VOLTAGE. (V)
- 501 -


▲Up To Search▲   

 
Price & Availability of AR25A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X